|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MT2030-YG-A (White Diffused) - Standard LEDs SELECTOR GUIDE Part Number Dice Lens Color / Type Pack Size View Angle 2 1/2 MT2030-YG-A Yellow Green White Diffused 3mm Round Bicolor 118 ELECTRICAL / OPTICAL CHARACTERISTICS AT T A=25C Parameter Symbol Device Min. Typ. Max. Units Test Conditions Forward Voltage Reverse Current Luminous Intensity Peak Wavelength Dominant Wavelength Spectral Line Half-Width VF IR IV peak D 1/2 Yellow Green Yellow Green Yellow Green Yellow Green Yellow Green Yellow Green 2.0 3.0 - 2.1 2.1 5.0 7.0 585 567 590 572 35 30 2.6 2.6 100 100 - V A mcd nm nm nm 20mA 5V 20mA 20mA 20mA 20mA ABSOLUTE MAXIMUM RATINGS AT TA=25C Parameter Rating Units Forward Current ( IF ) Power Dissipation ( PD ) Reverse Voltage ( VR ) Operating Temperature ( T OPR ) Storage Temperature ( TSTG ) Lead Solder Temperature ( T SOL ) 260 1. All Dimensions Are In Millimeters (inches). 2. Tolerance Is +-0.25(0.01") Unless Otherwise Noted. 3. Specifications Are Subject To Change Without Notice. 30 30 78 78 5 5 -25 ~ +85 -40 ~ +100 @ for 5 sec. max mA mW V C C Marktech Optoelectronics | 3 Northway Lane North | Latham, NY 12110 | www.marktechopto.com Page 1 of 3 MT2030-YG-A (White Diffused) - Standard LEDs Marktech Optoelectronics | 3 Northway Lane North | Latham, NY 12110 | www.marktechopto.com Page 2 of 3 MT2030-YG-A (White Diffused) - Standard LEDs Marktech Optoelectronics | 3 Northway Lane North | Latham, NY 12110 | www.marktechopto.com Page 3 of 3 |
Price & Availability of MT2030-YG-A |